|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
e 200 V - 1,000 V Three Phase Bridge 40.0 A - 60.0 A Forward Current 70 ns - 3000 ns Recovery Time t4 U .c 3502 - 3510 3502F - 3510F 3502UF - 3510UF w w w .D a ta S h e ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS Part Number Working Reverse Voltage (Vrwm) Average Rectified Current @TC (Io) 55C Volts 3502 3506 3510 3502F 3506F 3510F 3502UF 3506UF 3510UF Amps 100C Amps Reverse Current @ Vrwm (Ir) 25C A 100C A 25C Volts Amps Forward Voltage 1 Cycle Surge Current tp=8.3ms (Ifsm) 25C (Vf) 200 600 1000 200 600 1000 200 600 1000 60.0 60.0 60.0 50.0 50.0 50.0 40.0 40.0 40.0 44.0 44.0 44.0 37.0 37.0 37.0 29.0 29.0 29.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 75 75 75 75 75 75 1.1 1.1 1.2 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 (1)Trr Testing: If=0.5A, Ir=1.0A, Irr=0.25A *Op. Temp. & Stg. Temp. = -55C to +150C Isolation Voltage: 2000V .36(9.14) (2 PL) 2.00(50.8) + 10-32 UNC-2B .25(6.35) DP .400 (2PL) (10.16) w w w AC D . _ AC t a 75 75 75 S a 1.5 1.5 1.8 1.7 1.7 2.1 e h Amps 375 375 375 t e Repetitive Surge Current (Ifrm) 25C Amps U 4 70 70 70 70 70 70 70 70 70 .c m o uJ-C C / W Reverse Recovery Time (1) (Trr) 25C ns Thermal Impd. 3000 3000 3000 150 150 150 70 70 70 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 375 375 375 375 375 375 .500(12.7) 1.00 (25.4) 11 + AC AC AC _ .30(7.62) (5PL) .071(1.80) DIA. 1.25(31.75) MAX. Aluminum Case AC .64(16.26) .250(6.35) 1.500 (38.1) Dimensions: In. (mm) * All temperatures are ambient unless otherwise noted. * Data subject to change without notice. VOLTAGE MULTIPLIERS INC. 8711 W. Roosevelt Ave. Visalia, CA 93291 261 w w w 559-651-1402 FAX 559-651-0740 www.voltagemultipliers.com D .TEL a ta S h e e t4 U . 3502 - 3510 * 3502F - 3510F * 3502UF - 3510UF 70 60 3500 MAXIMUM FORWARD CURRENT VS. TEMPERATURE 1.00 0.95 0.90 Forward Voltage (V) TYPICAL FORWARD VOLTAGE VS. FORWARD CURRENT AT 25C Maximum Current (I) 50 40 3500F 3500 0.85 0.80 0.75 0.70 0.65 0.60 30 20 10 0 25 50 75 100 125 Ambient Temperature (C) Temperature (C) 150 0 5 10 15 20 Forward Current (A) 25 30 45 40 35 Maximum Current (I) MAXIMUM FORWARD CURRENT VS. TEMPERATURE 2.40 2.20 2.00 Forward Voltage (V) TYPICAL FORWARD VOLTAGE VS. FORWARD CURRENT AT 25C 3500UF 3500F-UF 30 25 20 15 10 5 0 25 50 75 100 125 Ambient Temperature (C) Temperature (C) 150 1.80 1.60 1.40 1.20 1.00 0.80 0.60 0 5 10 15 20 25 30 Forward Current (A) 35 40 45 1000.0 REVERSE CURRENT VS. TEMPERATURE AT Vrwm Reverse Current (uA) 100.0 10.0 1.0 25 50 75 100 Temperature (C) Temperature (C) 125 150 262 |
Price & Availability of 3510 |